Part Number Hot Search : 
2SB0710 TQM7M MC74VH BPW50 SIHF510 SIHF510 KS16118 1AMSMD
Product Description
Full Text Search
 

To Download SF8A02F-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 ito-220ac sf8a01f-g thru sf8a06f-g voltage range 50 to 600 v current 8.0 ampere glass passivated super fast recovery rectifier sf 8a01f symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg sf 8a02f sf 8a03f sf 8a04f sf 8a05f 50 100 200 140 200 400 35 70 280 50 100 400 sf 8a06f 600 420 600 8.0 10.0 125 1.3 1.5 0.95 35 50 250 65 2.2 unit v v v v a a ua ua o c pf o cw ns 300 210 300 maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 8.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) features low forward voltage drop fast switching for high efficiency high current capability case: molded plastic ito-220ac high surge current capability weight: 1.16 grams polarity:color band denotes cathode method 208 mounting position: any terminals: solderable per mil-std-202 mechanical data low reverse leakage current r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. epoxy: ul 94v-0 rate flame retardant 1 2 pin max.412(10.5) .113(2.87) .103(2.62) .594(15.1) .587(14.9) .56(14.22) .53(13.46) .037(0.94) .027(0.68) max.0.05(1.5) .16(4.06) .14(3.56) .185(4.70) .175(4.44) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .27(6.86) .23(5.84) .140(3.56) .130(3.30) dia 2 1.25(3.18) 1.15(2.92) .205(5.20) .195(4.95) 1 comchip technology 4115 clipper ct. fremont ca 94538 tel: (510) 657-8671 fax: (510) 6 5 7-8921
ratings and characteristic curves sf8a01f-g thru sf8a06f-g fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 8.0 3.0 2.0 1.0 4.0 6.0 5.0 7.0 iinstantaneous forward current, amperes 0.1 1.0 10 0.01 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 25 50 75 100 125 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p comchip technology 4115 clipper ct. fremont ca 94538 tel: (510) 657-8671 fax: (510) 6 5 7-8921 glass passivated super fast recovery rectifier sf8a01f-g-sf8a03f-g sf8a04f-g-sf8a05f-g sf8a06f-g


▲Up To Search▲   

 
Price & Availability of SF8A02F-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X